PART |
Description |
Maker |
SF10A01 SF10A02 SF10A04 SF10A03 SF10A05 SF10A06 |
Glass Passivated Super Fast Recovery Rectifie
|
YENYO TECHNOLOGY Co., Ltd
|
GB840 |
SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 8A RECTIFIE
|
GTM CORPORATION
|
KBP206 KBP208 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIE
|
Yea Shin Technology Co., Ltd
|
SSR4010CTNA SSR4010CTPA SSR4010DNU SSR4010DNA SSR4 |
40 A, 100 V, SILICON, RECTIFIER DIODE, TO-258AA 40 AMP, 100 VOLTS SCHOTTKY RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, TO-259
|
SOLID STATE DEVICES INC Solid States Devices, Inc
|
MJD42C ON2003 MJD74C MJD41C-1 MJD41CT4 MJD41C |
SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS20 WATTS From old datasheet system DPAK For Surface Mount Applications SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS 20 WATTS
|
MOTOROLA INC MOTOROLA[Motorola, Inc] ON Semi Motorola, Inc.
|
2N5064RLRA 2N5064RLRM 2N5064RLRMG 2N5061RLRM 2N506 |
Thyristor .8A 100V Connector Housing; Series:MicroClasp; No. of Contacts:3; Gender:Female; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 60 V, SCR, TO-92 Silicon Controlled Rectifier .8A 25V Thyristor .8A 200V Thyristor .8A 50V
|
ONSEMI[ON Semiconductor]
|
SSR2010CT |
20 AMP 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER 20 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
SSR0510J SSR0508J SSR0509J |
5 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER 5 A, 100 V, SILICON, RECTIFIER DIODE, TO-257
|
SOLID STATE DEVICES INC Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
EFM202L EFM201L EFM203L EFM204L EFM205L EFM206L EF |
2 A, 150 V, SILICON, RECTIFIER DIODE 2 A, 300 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Ampere 2 A, 100 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
KYZ25A6 KYZ25K6 KYZ25A05 KYZ25A1 KYZ25A2 KYZ25A3 K |
Fuses, Field replaceable 2410 size, in clips 25 A, 400 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes 25 A, 100 V, SILICON, RECTIFIER DIODE
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
BYP25A1 BYP25K05 BYP25A05 BYP25A2 BYP25A3 BYP25A4 |
Silicon Press-Fit-Diodes High-temperature diodes 25 A, 300 V, SILICON, RECTIFIER DIODE VGA VIDEO CABLE 100 FT MM 25 A, 100 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes High-temperature diodes 25 A, 600 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes High-temperature diodes 25 A, 400 V, SILICON, RECTIFIER DIODE
|
Diotec Semiconductor AG Diotec Elektronische
|
CPR3-010LEADFREE CPR3-040LEADFREE CR3-010 |
3 A, 100 V, SILICON, RECTIFIER DIODE 3 A, 400 V, SILICON, RECTIFIER DIODE 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|